PART |
Description |
Maker |
TS-1AMB |
THERMOPILE INFRARED SENSOR
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
OTC-236 OTC-236-11 OTC-236-12 OTC-236-21 OTC-236-2 |
THERMOPILE INFRARED SENSOR
|
List of Unclassifed Manufacturers ETC
|
5D-XX |
THERMOPILE TYPE INFRARED SENSOR
|
ETC
|
TPS334L106 |
Thermopile Detector
|
PERKINELMER[PerkinElmer Optoelectronics]
|
TPS333 |
Thermopile Detector
|
PerkinElmer Optoelectronics
|
A2TPMI337L5.5G9OCA A2TPMI337L5.5GXXOAC A2TPMI334L5 |
Thermopile with integrated signal processing circuit 热电集成了信号处理电
|
PerkinElmer Inc. PerkinElmer, Inc.
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
KC7786 |
PIR Sensor Module
|
List of Unclassifed Manufacturers ETC[ETC]
|
XBEE-PROXSC |
Digi’s latest XBee-PRO XSC module features two times the throughput and 20 times less current draw than the previous XSC module, making it ideal for long-range sensor applications.
|
List of Unclassifed Manufacturers
|
MM1001 |
Resistive humidity sensor/module
|
List of Unclassifed Manufacturers
|
STTS3000B2DN3F |
2.3 V memory module temperature sensor
|
ST Microelectronics
|
STTS2002 |
2.3 V memory module temperature sensor
|
STMicroelectronics
|